Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0044 Fiches technique(PDF) 109 Page - STMicroelectronics

No de pièce PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Fiches technique(HTML) 109 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 105Page - STMicroelectronics PM0044 Datasheet HTML 106Page - STMicroelectronics PM0044 Datasheet HTML 107Page - STMicroelectronics PM0044 Datasheet HTML 108Page - STMicroelectronics PM0044 Datasheet HTML 109Page - STMicroelectronics PM0044 Datasheet HTML 110Page - STMicroelectronics PM0044 Datasheet HTML 111Page - STMicroelectronics PM0044 Datasheet HTML 112Page - STMicroelectronics PM0044 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 162 page
background image
PM0044
STM8 instruction set
Doc ID 13590 Rev 3
109/162
Syntax
IRET
Operation
CC = (++SP)
A = (++SP)
XH = (++SP)
XL = (++SP)
YH = (++SP)
YL = (++SP)
PCE = (++SP)
PCH = (++SP)
PCL = (++SP)
Description
Placed at the end of an interrupt routine, returns to the original program
context before the interrupt occurred. All registers, which have been
saved/pushed onto the stack are restored/popped. The I bit will be reset if
the corresponding bit stored on the stack is zero.
Instruction overview
Condition flags set or reset according to the first byte pulled from the stack.
Detailed description
See also: Interrupts, TRAP
IRET
Interrupt Return
IRET
mnem
Affected condition flags
VI1
H
I0
N
Z
C
IRET
V
I1
H
I0
N
Z
C
Addressing
mode
Asm
cy
lgth
Op-code(s)
ST7
Inherent
IRET
11
180
✗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More