| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 106 Page - STMicroelectronics |
|
106 / 162 page ![]() STM8 instruction set PM0044 106/162 Doc ID 13590 Rev 3 Syntax INC dst e.g. INC counter Operation dst <= dst + 1 Description The destination byte is read, then incremented by one, and the result is written to the destination byte. The destination is either a memory byte or a register. This instruction is compact, and does not affect any registers when used with RAM variables. Instruction overview V ⇒ (A7.M7 + M7.R7 + R7.A7) ⊕ (A6.M6 + M6.R6 + R6.A6) Set if the signed operation generates an overflow, cleared otherwise. N ⇒ R7 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. Detailed description See also: INCW, DEC INC Increment INC mnem dst Affected condition flags VI1 H I0 N Z C INC Mem V - - - N Z - INC A V - - - N Z - dst Asm cy lgth Op-code(s) ST7 AINC A 1 1 4C ✗ shortmem INC $10 1 2 3C XX ✗ longmem INC $1000 1 4 72 5C MS LS (X) INC (X) 1 1 7C ✗ (shortoff.X) INC ($10,X) 1 2 6C XX ✗ (longoff,X) INC ($1000,X) 1 4 72 4C MS LS (Y) INC (Y) 1 2 90 7C ✗ (shortoff,Y) INC ($10,Y) 1 3 90 6C XX ✗ (longoff,Y) INC ($1000,Y) 1 4 90 4C MS LS (shortoff,SP) INC ($10,SP) 1 2 0C XX [shortptr.w] INC [$10] 4 3 92 3C XX ✗ [longptr.w] INC [$1000].w 4 4 72 3C MS LS ([shortptr.w],X) INC ([$10],X) 4 3 92 6C XX ✗ ([longptr.w].X] INC ([$1000.w],X) 4 4 72 6C MS LS ([shortptr.w],Y) INC ([$10],Y) 4 3 91 6C XX ✗ |