Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0044 Fiches technique(PDF) 112 Page - STMicroelectronics

No de pièce PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Fiches technique(HTML) 112 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 108Page - STMicroelectronics PM0044 Datasheet HTML 109Page - STMicroelectronics PM0044 Datasheet HTML 110Page - STMicroelectronics PM0044 Datasheet HTML 111Page - STMicroelectronics PM0044 Datasheet HTML 112Page - STMicroelectronics PM0044 Datasheet HTML 113Page - STMicroelectronics PM0044 Datasheet HTML 114Page - STMicroelectronics PM0044 Datasheet HTML 115Page - STMicroelectronics PM0044 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 162 page
background image
STM8 instruction set
PM0044
112/162
Doc ID 13590 Rev 3
Syntax
JRA dst
e.g. JRA loop
Operation
PC = PC+lgth
PC <= PC + dst, if Condition is True
Description
Unconditional relative jump. PC is updated by the signed addition of PC
and dst. Control then passes to the statement addressed by the program
counter. Else, the program continues normally.
Instruction overview
Detailed description
See also: JP
JRA
Jump Relative Always
JRA
mnem
dst
Affected condition flags
VI1
H
I0
N
Z
C
JRA
Mem
-
---
--
-
dst
Asm
cy
lgth
Op-code(s)
ST7
shortoff
JRA $2B
2
2
20
XX
✗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More