| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0044 Fiches technique(PDF) 107 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 Fiches technique(HTML) 107 Page - STMicroelectronics |
|
107 / 162 page ![]() PM0044 STM8 instruction set Doc ID 13590 Rev 3 107/162 Syntax INCW dst e.g. INCW X Operation dst <= dst + 1 Description The destination index register value is incremented by one. Instruction overview V ⇒ (A15.M15 + M15.R15 + R15.A15) ⊕ (A14.M14 + M14.R14 + R14.A14) Set if the signed operation generates an overflow, cleared otherwise. N ⇒ R15 Set if bit 7 of the result is set (negative value), cleared otherwise. Z ⇒ R15.R14.R13.R12.R11.R10.R9.R8.R7.R6.R5.R4.R3.R2.R1.R0 Set if the result is zero (0x00), cleared otherwise. Detailed description See also: INC, DECW INCW Increment word INCW mnem dst Affected condition flags VI1 H I0 N Z C INCW Reg V - - - N Z - dst Asm cy lgth Op-code(s) ST7 X INCW X 1 1 5C Y INCW Y 1 2 90 5C |