| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1811 Fiches technique(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1811 Fiches technique(HTML) 50 Page - STMicroelectronics |
|
50 / 52 page ![]() Basic G3 operations UM1811 50/52 DocID026814 Rev 1 Node 2 – Short address: 010C – PANId: 781D – MAC Key entry : AF4D6DCCF14DE7C1C4235E6FEF6C151F NSDU – 6000000000171104FE80000000000000781D00FFFE00002AFE8000000000000078 1D00FFFE00010CF0B1F0B20017EE2C112233445566778899AABBCCDDEEFF Once the Nsdu is correctly set (1) and the ADPD-DATA.Request command has been executed (2), the ADPD-DATA-Indication message will be displayed in the trace window with the SUCCESS status (3). When hovering over this message, more details on its content are displayed. Figure 42. Send ADP data from TX to RX |