| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1811 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1811 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 52 page ![]() DocID026814 Rev 1 25/52 UM1811 MAC menu 52 MLME-START.Request: starts a new powerline area network in case of the G3-PLC platform acts as coordinator. The PANId needs to be specified in the corresponding text box area. MLME-START.Confirm: forces generation of a confirm message (if automatic event is disabled). 6.3 MLME IB menu The MAC layer management entity menu offers the possibility to read and write the information base parameters of the G3-PLC MAC layer, as represented in Figure 16. Figure 16. MAC IB menu From this menu, the following commands are available: MLME-GET.Request: command to read one MAC entity parameter MLME-SET.Request: command to write one MAC entity parameter MLME-GET.Confirm: forces generation of a MLME-GET.Confirm message (if automatic event is disabled) MLME-SET.Confirm: forces generation of a MLME-SET.Confirm message (if automatic event is disabled). |