| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1811 Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1811 Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 52 page ![]() Basic G3 operations UM1811 46/52 DocID026814 Rev 1 To configure the PANId, as shown in Figure 34, go into the MAC / MLME_IB (1) menu of the Node 1, select first the macPANId in the list on the right side of the MLME-SET.Request command (2). One text box area will appear just below. Enter the PANId of the node (3) and click on the MLME-SET.Request button (4). Figure 35. Configure Node 1 PANId As shown in Figure 35, the same can be done for the macShortAddress parameter. Select first the attribute macShortAddress in the list of attributes (2) and enter its value in the text box area (3). Figure 36. Configure Node 1 short address The same commands needs to be executed for the Node 2. The PANId may have the same value as for the Node 1, as represented in Figure 36 (the same PANId means that the two nodes belong to the same network). |