Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1811 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 13Page - STMicroelectronics UM1811 Datasheet HTML 14Page - STMicroelectronics UM1811 Datasheet HTML 15Page - STMicroelectronics UM1811 Datasheet HTML 16Page - STMicroelectronics UM1811 Datasheet HTML 17Page - STMicroelectronics UM1811 Datasheet HTML 18Page - STMicroelectronics UM1811 Datasheet HTML 19Page - STMicroelectronics UM1811 Datasheet HTML 20Page - STMicroelectronics UM1811 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
DocID026814 Rev 1
17/52
UM1811
PHY menu
52
5
PHY menu
To be able to execute PHY layer commands, the G3-PLC platform working mode needs to
be configured to the PHY mode.
To do this, simply go to the G3LIB panel as shown in Figure 9. Choose the PHY_MODE
from the available modes (1) and press the HI-MODE-SET.Request button (2).
Figure 9. Configure the host interface in PHY mode
Once the PHY mode is selected, the following menu panels may be accessed:
PHY root menu: it allows to send data in the physical layer mode
PDACK: physical data service for acknowledgment message sending
PLME control: physical layer management entity control panel, used for the line status
request and RX/TX configuration
PLME: physical layer management entity panel, used to set the transmission
parameter details (modulation, ToneMap, ToneMask, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52