Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1811 Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 43Page - STMicroelectronics UM1811 Datasheet HTML 44Page - STMicroelectronics UM1811 Datasheet HTML 45Page - STMicroelectronics UM1811 Datasheet HTML 46Page - STMicroelectronics UM1811 Datasheet HTML 47Page - STMicroelectronics UM1811 Datasheet HTML 48Page - STMicroelectronics UM1811 Datasheet HTML 49Page - STMicroelectronics UM1811 Datasheet HTML 50Page - STMicroelectronics UM1811 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
DocID026814 Rev 1
47/52
UM1811
Basic G3 operations
52
Figure 37. Configure Node 2 PANId
Then, the short address needs to be configured: it must be different from the one of the
Node 1, as represented in Figure 37.
Figure 38. Configure Node 2 short address
Now that the Node 1 and Node 2 are properly configured, data can be exchanged from one
node to the other one.
To do this, go in the MAC root menu, as show in Figure 38. First, enter the DstPANId of the
destination node (781D), then the dstAddr of the destination node (010C) (1). Then, select
the payload type to be ASCII (2) and enter your payload in the big text area (3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52