Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1811 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 33Page - STMicroelectronics UM1811 Datasheet HTML 34Page - STMicroelectronics UM1811 Datasheet HTML 35Page - STMicroelectronics UM1811 Datasheet HTML 36Page - STMicroelectronics UM1811 Datasheet HTML 37Page - STMicroelectronics UM1811 Datasheet HTML 38Page - STMicroelectronics UM1811 Datasheet HTML 39Page - STMicroelectronics UM1811 Datasheet HTML 40Page - STMicroelectronics UM1811 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
DocID026814 Rev 1
37/52
UM1811
ADP menu
52
Table 9. ADP ST implementation defined information base attributes
ST implementation defined attributes
adpDatagramTag
It defines the DatagramTag for the fragmentation dispatch. Increased by one for
each fragmented transmission.
adpBroadcastSeqNumber
It defines the SequenceNumber for the broadcast dispatch. Increased by one for
each broadcast transmission.
adpEnableHeaderCompression
If set to 1, it enables the IPv6 header compression (default), if set to 0, it disables
the IPv6 header compression.
adpRREQFfwdMaxTime
The maximum time in ms that can take a RREQ to be forwarded (512 ms by
default).
adpEAPPSKKey
It contains the EAP-PSK used for bootstrap procedure.
adpEAPPSKIdP
It contains the IdP (device NAI) attribute used for bootstrap.
adpEAPPSKIdPLen
It contains the length of the IdP array used for bootstrap.
adpRREPWaitTime
The time to wait before RREP generation (in order to collect other RREQs).
adpLOADngSeqNum
The sequence number used by the LOADng routing algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52