| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1811 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1811 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 52 page ![]() DocID026814 Rev 1 39/52 UM1811 BER Test panel 52 Figure 25. Enable BER Test panel Once the Test panel is enabled, the RX and TX Nodes need to be slided into their area, as show in Figure 26. To do that, click on the TX Node in the object tree panel and slide it in the right area (1). Do the same for the RX Node (2). Figure 26. Configure BER Test panel One last step is needed in the configuration process for the BER: the deactivation of the Reed-Solomon filter for the RX Node, as shown in Figure 27. To deactivate it, select the G3LIB menu of the RX Node. Select the phyRSFilterDisabled in the list of attributes (1). Set 01 in the “Value” text field (2) and hit the G3LIB-SET.Request button (3). The Reed-Solomon block is now deactivated. |