Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1811 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 15Page - STMicroelectronics UM1811 Datasheet HTML 16Page - STMicroelectronics UM1811 Datasheet HTML 17Page - STMicroelectronics UM1811 Datasheet HTML 18Page - STMicroelectronics UM1811 Datasheet HTML 19Page - STMicroelectronics UM1811 Datasheet HTML 20Page - STMicroelectronics UM1811 Datasheet HTML 21Page - STMicroelectronics UM1811 Datasheet HTML 22Page - STMicroelectronics UM1811 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
DocID026814 Rev 1
19/52
UM1811
PHY menu
52
5.2
PLME control menu
The physical sublayer management entity control menu offers 2 options: set the RX and TX
chain status and get the status of the line (carrier sense).
Figure 11. PLME control menu
Concerning the PLME_SET_TRX_STATE.Request command, two options may be selected:
TXON_RXOFF: used to configure the device in transmission
TXOFF_RXON: used to configure the device in reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52