Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1811 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 17Page - STMicroelectronics UM1811 Datasheet HTML 18Page - STMicroelectronics UM1811 Datasheet HTML 19Page - STMicroelectronics UM1811 Datasheet HTML 20Page - STMicroelectronics UM1811 Datasheet HTML 21Page - STMicroelectronics UM1811 Datasheet HTML 22Page - STMicroelectronics UM1811 Datasheet HTML 23Page - STMicroelectronics UM1811 Datasheet HTML 24Page - STMicroelectronics UM1811 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
DocID026814 Rev 1
21/52
UM1811
PHY menu
52
ModType: the TX modulation type (0: ROBO, 1: DBPSK, 2: DQPSK, 3: D8PSK)
TX Power: the transmission power (0x20 max. power - 0x00 min. power)
SFSK Notching: activates the frequency notching coexistence mechanism. Frequency
notching allows a G3 device to coexist with the existing narrow band FSK/PSK systems
operating over the same frequency band. This checkbox acts on the ToneMask field.
PreEmphasis: specifies transmission gain for each sub-band represented by the tone
map (optional feature currently not supported in ST G3-PLC implementation).
Coherent Mode: enables or disables the coherent modulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52