Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5M40ZE64C5N Fiches technique(PDF) 27 Page - Altera Corporation

No de pièce 5M40ZE64C5N
Description  3. DC and Switching Characteristics for MAX V Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

5M40ZE64C5N Fiches technique(HTML) 27 Page - Altera Corporation

Back Button 5M40ZE64C5N Datasheet HTML 22Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 23Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 24Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 25Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 26Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 27Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 28Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 29Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 30Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Chapter 3: DC and Switching Characteristics for MAX V Devices
3–27
Timing Model and Specifications
May 2011
Altera Corporation
MAX V Device Handbook
LVDS and RSDS Output Timing Specifications
Table 3–39 lists the emulated LVDS output timing specifications for MAX V devices.
Table 3–39. Emulated LVDS Output Timing Specifications for MAX V Devices
Parameter
Mode
5M40Z/ 5M80Z/ 5M160Z/
5M240Z/ 5M570Z/5M1270Z/
5M2210Z
Unit
C4, C5, I5
Min
Max
Data rate (1), (2)
10
304
Mbps
9
304
Mbps
8
304
Mbps
7
304
Mbps
6
304
Mbps
5
304
Mbps
4
304
Mbps
3
304
Mbps
2
304
Mbps
1
304
Mbps
tDUTY
—45
55
%
Total jitter (3)
——
0.2
UI
tRISE
——
450
ps
tFALL
——
450
ps
Notes to Table 3–39:
(1) The performance of the LVDS_E_3R transmitter system is limited by the lower of the two—the maximum data rate supported by LVDS_E_3R
I/O buffer or 2x (FMAX of the ALTLVDS_TX instance). The actual performance of your LVDS_E_3R transmitter system must be attained through
the Quartus II timing analysis of the complete design.
(2) For the input clock pin to achieve 304 Mbps, use I/O standard with VCCIO of 2.5 V and above.
(3) This specification is based on external clean clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com