Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5M40ZE64C5N Fiches technique(PDF) 12 Page - Altera Corporation

No de pièce 5M40ZE64C5N
Description  3. DC and Switching Characteristics for MAX V Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

5M40ZE64C5N Fiches technique(HTML) 12 Page - Altera Corporation

Back Button 5M40ZE64C5N Datasheet HTML 8Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 9Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 10Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 11Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 12Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 13Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 14Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 15Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 16Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
3–12
Chapter 3: DC and Switching Characteristics for MAX V Devices
Timing Model and Specifications
MAX V Device Handbook
May 2011
Altera Corporation
Internal Timing Parameters
Internal timing parameters are specified on a speed grade basis independent of device
density. Table 3–18 through Table 3–25 on page 3–19 list the MAX V device internal
timing microparameters for LEs, input/output elements (IOEs), UFM blocks, and
MultiTrack interconnects.
f For more information about each internal timing microparameters symbol, refer to
AN629: Understanding Timing in Altera CPLDs.
UFM
512 × 16
None
3
1
10.0
10.0
10.0
10.0
MHz
512 × 16
SPI (2)
37
1
9.7
9.7
8.0
8.0
MHz
512 × 8
Parallel
(3)
73
1
(4)
(4)
(4)
(4)
MHz
512 × 16
I2C (3)
142
1
100 (5)
100 (5)
100 (5)
100 (5)
kHz
Notes to Table 3–17:
(1) This design is a binary loadable up counter.
(2) This design is configured for read-only operation in Extended mode. Read and write ability increases the number of logic elements (LEs) used.
(3) This design is configured for read-only operation. Read and write ability increases the number of LEs used.
(4) This design is asynchronous.
(5) The I2C megafunction is verified in hardware up to 100-kHz serial clock line rate.
Table 3–17. Device Performance for MAX V Devices (Part 2 of 2)
Resource
Used
Design Size and
Function
Resources Used
Performance
Unit
5M40Z/ 5M80Z/ 5M160Z/
5M240Z/ 5M570Z
5M1270Z/ 5M2210Z
Mode
LEs
UFM
Blocks
C4
C5, I5
C4
C5, I5
Table 3–18. LE Internal Timing Microparameters for MAX V Devices (Part 1 of 2)
Symbol
Parameter
5M40Z/ 5M80Z/ 5M160Z/
5M240Z/ 5M570Z
5M1270Z/ 5M2210Z
Unit
C4
C5, I5
C4
C5, I5
Min
Max
Min
Max
Min
Max
Min
Max
tLUT
LE combinational look-up
table (LUT) delay
1,215
2,247
742
914
ps
tCOMB
Combinational path delay
243
309
192
236
ps
tCLR
LE register clear delay
401
545
309
381
ps
tPRE
LE register preset delay
401
545
309
381
ps
tSU
LE register setup time
before clock
260
321
271
333
ps
tH
LE register hold time
after clock
0
—0
—0
—0
ps
tCO
LE register
clock-to-output delay
380
494
305
376
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com