Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5M40ZE64C5N Fiches technique(PDF) 20 Page - Altera Corporation

No de pièce 5M40ZE64C5N
Description  3. DC and Switching Characteristics for MAX V Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

5M40ZE64C5N Fiches technique(HTML) 20 Page - Altera Corporation

Back Button 5M40ZE64C5N Datasheet HTML 16Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 17Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 18Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 19Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 20Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 21Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 22Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 23Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
3–20
Chapter 3: DC and Switching Characteristics for MAX V Devices
Timing Model and Specifications
MAX V Device Handbook
May 2011
Altera Corporation
Table 3–26 lists the external I/O timing parameters for the 5M40Z, 5M80Z, 5M160Z,
and 5M240Z devices.
Table 3–27 lists the external I/O timing parameters for the T144 package of the
5M240Z device.
Table 3–26. Global Clock External I/O Timing Parameters for the 5M40Z, 5M80Z, 5M160Z, and 5M240Z Devices
(Note 1), (2)
Symbol
Parameter
Condition
C4
C5, I5
Unit
Min
Max
Min
Max
tPD1
Worst case pin-to-pin delay through one LUT
10 pF
7.9
14.0
ns
tPD2
Best case pin-to-pin delay through one LUT
10 pF
5.8
8.5
ns
tSU
Global clock setup time
2.4
4.6
ns
tH
Global clock hold time
0
0
ns
tCO
Global clock to output delay
10 pF
2.0
6.6
2.0
8.6
ns
tCH
Global clock high time
253
339
ps
tCL
Global clock low time
253
339
ps
tCNT
Minimum global clock period for
16-bit counter
5.4
8.4
ns
fCNT
Maximum global clock frequency for 16-bit
counter
184.1
118.3
MHz
Notes to Table 3–26:
(1) The maximum frequency is limited by the I/O standard on the clock input pin. The 16-bit counter critical delay performs faster than this global
clock input pin maximum frequency.
(2) Not applicable to the T144 package of the 5M240Z device.
Table 3–27. Global Clock External I/O Timing Parameters for the 5M240Z Device (Note 1), (2)
Symbol
Parameter
Condition
C4
C5, I5
Unit
Min
Max
Min
Max
tPD1
Worst case pin-to-pin delay through one LUT
10 pF
9.5
17.7
ns
tPD2
Best case pin-to-pin delay through one LUT
10 pF
5.7
8.5
ns
tSU
Global clock setup time
2.2
4.4
ns
tH
Global clock hold time
0
0
ns
tCO
Global clock to output delay
10 pF
2.0
6.7
2.0
8.7
ns
tCH
Global clock high time
253
339
ps
tCL
Global clock low time
253
339
ps
tCNT
Minimum global clock period for 16-bit
counter
5.4
8.4
ns
fCNT
Maximum global clock frequency for 16-bit
counter
184.1
118.3
MHz
Notes to Table 3–27:
(1) The maximum frequency is limited by the I/O standard on the clock input pin. The 16-bit counter critical delay performs faster than this global
clock input pin maximum frequency.
(2) Only applicable to the T144 package of the 5M240Z device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com