Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5M40ZE64C5N Fiches technique(PDF) 14 Page - Altera Corporation

No de pièce 5M40ZE64C5N
Description  3. DC and Switching Characteristics for MAX V Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

5M40ZE64C5N Fiches technique(HTML) 14 Page - Altera Corporation

Back Button 5M40ZE64C5N Datasheet HTML 10Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 11Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 12Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 13Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 14Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 15Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 16Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 17Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
3–14
Chapter 3: DC and Switching Characteristics for MAX V Devices
Timing Model and Specifications
MAX V Device Handbook
May 2011
Altera Corporation
Table 3–20 through Table 3–23 list the adder delays for tZX and tXZ microparameters
when using an I/O standard other than 3.3-V LVTTL with 16 mA drive strength.
Table 3–20. tZX IOE Microparameter Adders for Fast Slew Rate for MAX V Devices
Standard
5M40Z/ 5M80Z/ 5M160Z/
5M240Z/ 5M570Z
5M1270Z/ 5M2210Z
Unit
C4
C5, I5
C4
C5, I5
Min
Max
Min
Max
Min
Max
Min
Max
3.3-V LVTTL
16 mA
—0
—0
—0
—0
ps
8 mA
72
74
101
125
ps
3.3-V LVCMOS
8 mA
—0
—0
—0
—0
ps
4 mA
72
74
101
125
ps
2.5-V LVTTL /
LVCMOS
14 mA
126
127
155
191
ps
7 mA
196
197
545
671
ps
1.8-V LVTTL /
LVCMOS
6 mA
608
610
721
888
ps
3 mA
681
685
2012
2477
ps
1.5-V LVCMOS
4 mA
1162
1157
1590
1957
ps
2 mA
1245
1244
3269
4024
ps
1.2-V LVCMOS
3 mA
1889
1856
2860
3520
ps
3.3-V PCI
20 mA
72
74
–18
–22
ps
LVDS
126
127
155
191
ps
RSDS
126
127
155
191
ps
Table 3–21. tZX IOE Microparameter Adders for Slow Slew Rate for MAX V Devices
Standard
5M40Z/ 5M80Z/ 5M160Z/
5M240Z/ 5M570Z
5M1270Z/ 5M2210Z
Unit
C4
C5, I5
C4
C5, I5
Min
Max
Min
Max
Min
Max
Min
Max
3.3-V LVTTL
16 mA
5,951
6,063
6,012
5,743
ps
8 mA
6,534
6,662
8,785
8,516
ps
3.3-V LVCMOS
8 mA
5,951
6,063
6,012
5,743
ps
4 mA
6,534
6,662
8,785
8,516
ps
2.5-V LVTTL /
LVCMOS
14 mA
9,110
9,237
10,072
9,803
ps
7 mA
9,830
9,977
12,945
12,676
ps
1.8-V LVTTL /
LVCMOS
6 mA
21,800
21,787
21,185
20,916
ps
3 mA
23,020
23,037
24,597
24,328
ps
1.5-V LVCMOS
4 mA
39,120
39,067
34,517
34,248
ps
2 mA
40,670
40,617
39,717
39,448
ps
1.2-V LVCMOS
3 mA
69,505
70,461
55,800
55,531
ps
3.3-V PCI
20 mA
6,534
6,662
35
44
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com