| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9500AI Fiches technique(PDF) 65 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9500AI Fiches technique(HTML) 65 Page - SMSC Corporation |
|
65 / 66 page ![]() USB 2.0 to 10/100 Ethernet Controller Datasheet SMSC LAN950x Family 65 Revision 1.1 (04-18-13) DATASHEET Notes: 1. All dimensions are in millimeters unless otherwise noted. 2. Position tolerance of each terminal and exposed pad is +/- 0.05 mm at maximum material condition. Dimension “b” applies to plated terminals and is measured between 0.15 and 0.30 mm from the terminal tip. 3. The pin 1 identifier may vary, but is always located within the zone indicated. Figure 9.2 LAN950x 56-QFN Recommended PCB Land Pattern |