| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9500AI Fiches technique(PDF) 49 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9500AI Fiches technique(HTML) 49 Page - SMSC Corporation |
|
49 / 66 page ![]() USB 2.0 to 10/100 Ethernet Controller Datasheet SMSC LAN950x Family 49 Revision 1.1 (04-18-13) DATASHEET 8.3.2 SUSPEND1 8.3.3 SUSPEND2 Note: SUSPEND2 power consumption/dissipation values were measured in bus-powered mode. Table 8.3 Power Consumption/Dissipation - SUSPEND1 (LAN9500/LAN9500i) PARAMETER MIN TYPICAL MAX UNIT Supply current (VDD33IO, VDD33A) (Device Only) 20 mA Power Dissipation (Device Only) 66 mW Power Dissipation (Device and Ethernet components) 66 mW Table 8.4 Power Consumption/Dissipation - SUSPEND1 (LAN9500A/LAN9500Ai) PARAMETER MIN TYPICAL MAX UNIT Supply current (VDD33IO, VDD33A) (Device Only) 7.0 mA Power Dissipation (Device Only) 23.5 mW Power Dissipation (Device and Ethernet components) 27.5 mW Table 8.5 Power Consumption/Dissipation - SUSPEND2 (LAN9500/LAN9500i) PARAMETER MIN TYPICAL MAX UNIT Supply current (VDD33IO, VDD33A) (Device Only) 0.624 mA Power Dissipation (Device Only) 2.1 mW Power Dissipation (Device and Ethernet components) 2.1 mW Table 8.6 Power Consumption/Dissipation - SUSPEND2 (LAN9500A/LAN9500Ai) PARAMETER MIN TYPICAL MAX UNIT Supply current (VDD33IO, VDD33A) (Device Only) 1.6 mA Power Dissipation (Device Only) 5.3 mW Power Dissipation (Device and Ethernet components) 5.3 mW |