Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9500AI Fiches technique(PDF) 11 Page - SMSC Corporation

No de pièce LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Fiches technique(HTML) 11 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 7Page - SMSC Corporation LAN9500AI Datasheet HTML 8Page - SMSC Corporation LAN9500AI Datasheet HTML 9Page - SMSC Corporation LAN9500AI Datasheet HTML 10Page - SMSC Corporation LAN9500AI Datasheet HTML 11Page - SMSC Corporation LAN9500AI Datasheet HTML 12Page - SMSC Corporation LAN9500AI Datasheet HTML 13Page - SMSC Corporation LAN9500AI Datasheet HTML 14Page - SMSC Corporation LAN9500AI Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
11
Revision 1.1 (04-18-13)
DATASHEET
Note 2.1
All four SUSPEND states are supported by LAN9500A/LAN9500Ai. SUSPEND3 is not
supported by LAN9500/LAN9500i.
2.1.6
EEPROM Controller
The LAN950x contains an EEPROM controller for connection to an external EEPROM. This allows for
the automatic loading of static configuration data upon power-on reset, pin reset, or software reset.
The EEPROM can be configured to load USB descriptors, USB device configuration, and MAC
address.
Custom operation without EEPROM is also provided (LAN9500A/LAN9500Ai only).
2.1.7
General Purpose I/O
When configured for internal PHY mode, up to eleven GPIOs are supported. All GPIOs can serve as
remote wakeup events when the LAN950x is in a suspended state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66