| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9500AI Fiches technique(PDF) 44 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9500AI Fiches technique(HTML) 44 Page - SMSC Corporation |
|
44 / 66 page ![]() USB 2.0 to 10/100 Ethernet Controller Datasheet Revision 1.1 (04-18-13) 44 SMSC LAN950x Family DATASHEET Figure 6.2 PME Operation Wakeup Event Detected By Device? Host & Chipset Powered Off Device Asserts PME True False VBUS_DET Set To 0 By EC Or Via Circuitry EC Sets PME_MODE_SEL = 1 And Pulses PME_CLEAR Low Device Has EEPROM With GPIO PME Enable =1, Enters PME Mode EC Detects PME EC To Wake System To Process Wakeup Event? EC Asserts PME_CLEAR Device Resets And Deasserts PME VBUS_DET Set to 1 By EC Or Via Circuitry EC Sets PME_MODE_SEL = 0 And Asserts PME_CLEAR EC Signals Enable To Host Device Resets And Deasserts PME Device Connects To USB Bus Device Is In Normal Operation Yes No |