| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9500AI Fiches technique(PDF) 41 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9500AI Fiches technique(HTML) 41 Page - SMSC Corporation |
|
41 / 66 page ![]() USB 2.0 to 10/100 Ethernet Controller Datasheet SMSC LAN950x Family 41 Revision 1.1 (04-18-13) DATASHEET Chapter 6 PME Operation PME Operation is supported only by LAN9500A/LAN9500Ai. The device provides a mechanism for waking up a host system via PME mode of operation. PME signaling is only available while the device is operating in the self powered mode. Figure 6.1 illustrates a typical application using LAN9500A/LAN9500Ai. Figure 6.1 Typical Application LAN9500A/ LAN9500Ai Embedded Controller Chipset DP/DM PME PME_MODE_SEL Enable HC PME_CLEAR VBUS_DET EEPROM Host Processor |