Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9500AI Fiches technique(PDF) 60 Page - SMSC Corporation

No de pièce LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Fiches technique(HTML) 60 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 56Page - SMSC Corporation LAN9500AI Datasheet HTML 57Page - SMSC Corporation LAN9500AI Datasheet HTML 58Page - SMSC Corporation LAN9500AI Datasheet HTML 59Page - SMSC Corporation LAN9500AI Datasheet HTML 60Page - SMSC Corporation LAN9500AI Datasheet HTML 61Page - SMSC Corporation LAN9500AI Datasheet HTML 62Page - SMSC Corporation LAN9500AI Datasheet HTML 63Page - SMSC Corporation LAN9500AI Datasheet HTML 64Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
60
SMSC LAN950x Family
DATASHEET
8.5.6
Turbo MII Interface Timing
This section specifies the Turbo MII interface transmit and receive timing.
Note 8.16 Timing was designed for system load between 10 pf and 15 pf.
Figure 8.7 Turbo MII Transmit Timing
Table 8.20 Turbo MII Transmit Timing Values
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
NOTES
tclkp
TXCLK period
20
ns
tclkh
TXCLK high time
tclkp*0.4
tclkp*0.6
ns
tclkl
TXCLK low time
tclkp*0.4
tclkp*0.6
ns
tval
TXD[3:0], TXEN output valid from rising edge of
TXCLK
12.5
ns
Note 8.16
thold
TXD[3:0], TXEN output hold from rising edge of
TXCLK
1.5
ns
Note 8.16
TXCLK
TXD[3:0]
TXEN
tclkh
tclkl
tclkp
tval
thold
tval
tval
thold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66