| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9500AI Fiches technique(PDF) 59 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9500AI Fiches technique(HTML) 59 Page - SMSC Corporation |
|
59 / 66 page ![]() USB 2.0 to 10/100 Ethernet Controller Datasheet SMSC LAN950x Family 59 Revision 1.1 (04-18-13) DATASHEET Note 8.15 Timing was designed for system load between 10 pf and 25 pf. Figure 8.6 MII Receive Timing Table 8.19 MII Receive Timing Values SYMBOL DESCRIPTION MIN MAX UNITS NOTES tclkp RXCLK period 40 ns tclkh RXCLK high time tclkp*0.4 tclkp*0.6 ns tclkl RXCLK low time tclkp*0.4 tclkp*0.6 ns tsu RXD[3:0], RXDV setup time to rising edge of RXCLK 8.0 ns Note 8.15 thold RXD[3:0], RXDV hold time after rising edge of RXCLK 9.0 ns Note 8.15 RXCLK tsu RXD[3:0] RXDV tclkh tclkl tclkp thold tsu thold thold tsu thold |