Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9500AI Fiches technique(PDF) 61 Page - SMSC Corporation

No de pièce LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Fiches technique(HTML) 61 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 57Page - SMSC Corporation LAN9500AI Datasheet HTML 58Page - SMSC Corporation LAN9500AI Datasheet HTML 59Page - SMSC Corporation LAN9500AI Datasheet HTML 60Page - SMSC Corporation LAN9500AI Datasheet HTML 61Page - SMSC Corporation LAN9500AI Datasheet HTML 62Page - SMSC Corporation LAN9500AI Datasheet HTML 63Page - SMSC Corporation LAN9500AI Datasheet HTML 64Page - SMSC Corporation LAN9500AI Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
61
Revision 1.1 (04-18-13)
DATASHEET
Note 8.17 Timing was designed for system load between 10 pf and 15 pf.
Figure 8.8 Turbo MII Receive Timing
Table 8.21 Turbo MII Receive Timing Values
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
NOTES
tclkp
RXCLK period
20
ns
tclkh
RXCLK high time
tclkp*0.4
tclkp*0.6
ns
tclkl
RXCLK low time
tclkp*0.4
tclkp*0.6
ns
tsu
RXD[3:0], RXDV setup time to rising edge of
RXCLK
5.5
ns
Note 8.17
thold
RXD[3:0], RXDV hold time after rising edge of
RXCLK
0ns
Note 8.17
RXCLK
tsu
RXD[3:0]
RXDV
tclkh
tclkl
tclkp
thold
tsu thold
thold
tsu
thold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66