Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9500AI Fiches technique(PDF) 55 Page - SMSC Corporation

No de pièce LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Fiches technique(HTML) 55 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 51Page - SMSC Corporation LAN9500AI Datasheet HTML 52Page - SMSC Corporation LAN9500AI Datasheet HTML 53Page - SMSC Corporation LAN9500AI Datasheet HTML 54Page - SMSC Corporation LAN9500AI Datasheet HTML 55Page - SMSC Corporation LAN9500AI Datasheet HTML 56Page - SMSC Corporation LAN9500AI Datasheet HTML 57Page - SMSC Corporation LAN9500AI Datasheet HTML 58Page - SMSC Corporation LAN9500AI Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
55
Revision 1.1 (04-18-13)
DATASHEET
8.5.2
Power-On Configuration Strap Valid Timing
Figure 8.2 illustrates the configuration strap valid timing requirement in relation to power-on. In order
for valid configuration strap values to be read at power-on, the following timing requirements must be
met.
Figure 8.2 Power-On Configuration Strap Valid Timing
Table 8.15 Power-On Configuration Strap Valid Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tcfg
Configuration strap valid time
15
mS
VDD33IO
Configuration Straps
tcfg
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66