| Moteur de recherche de fiches techniques de composants électroniques |
|
HD404618TF Fiches technique(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404618TF Fiches technique(HTML) 30 Page - Renesas Technology Corp |
|
30 / 91 page ![]() HD404618 Series 28 Standby Oscillator: Active Peripheral clocks: Active All other clocks: Stopped RESET = 1 ? No Yes IF0 = 1 ? No Yes IM0 = 0 ? IF1 = 1 ? No Yes IM1 = 0 ? IFTA = 1 ? No Yes IMTA = 0 ? IFTB = 1 ? No Yes IMTB = 0 ? IFTC = 1 ? No Yes IMTC = 0 ? IFS = 1 ? No Yes IMS = 0 ? No Yes No Yes No Yes No Yes No Yes No Yes (SBY only) (SBY only) (SBY only) (SBY only) Watch Oscillator: Stopped Sub-oscillator: Active Peripheral clocks: Stopped All other clocks: Stopped Restart processor clocks Reset MCU Execute next instruction Accept interrupt Execute next instruction (active mode) Restart processor clocks No Yes IF = 1, IM = 0, and IE = 1 ? Figure 11 MCU Operation Flowchart in Watch and Standby Modes Stop Mode: The MCU enters stop mode if the STOP instruction is executed in active mode when TMA3 = 0. In this mode, the system oscillator stops, which stops all MCU functions as well. Stop mode is terminated by a RESET input as shown in figure 12. RESET must be high for at least one t RC to stabilize oscillation (refer to the AC Characteristics section). When the MCU restarts after stop mode is cancelled, all RAM contents are retained, but the accuracy of the contents of the accumulator, B register, W register, X/SPX register, Y/SPY register, carry flag, and serial data register cannot be guaranteed. |