Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD404618TF Fiches technique(PDF) 11 Page - Renesas Technology Corp

No de pièce HD404618TF
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618TF Fiches technique(HTML) 11 Page - Renesas Technology Corp

Back Button HD404618TF Datasheet HTML 7Page - Renesas Technology Corp HD404618TF Datasheet HTML 8Page - Renesas Technology Corp HD404618TF Datasheet HTML 9Page - Renesas Technology Corp HD404618TF Datasheet HTML 10Page - Renesas Technology Corp HD404618TF Datasheet HTML 11Page - Renesas Technology Corp HD404618TF Datasheet HTML 12Page - Renesas Technology Corp HD404618TF Datasheet HTML 13Page - Renesas Technology Corp HD404618TF Datasheet HTML 14Page - Renesas Technology Corp HD404618TF Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
HD404618 Series
9
RAM Memory Map
The MCU contains a 1,184-digit
× 4-bit RAM area consisting of a data area and a stack area. In addition,
interrupt control bits and special registers are mapped onto the same RAM memory space outside this area.
The RAM memory map is shown in figure 2, and described below.
Interrupt Control Bits Area ($000–$003): Used for interrupt control bits and the bit register (figure 3).
The register flag area consists of LSON, WDON, TGSP, and DTON flags. Both areas can be accessed
only by RAM bit manipulation instructions. In addition, note that the interrupt request flag cannot be set
by software, the RSP bit is used only to reset the stack pointer. Limitations on using the instructions are
shown in figure 4.
Register Flag Area ($020–$023): Consist of the LSON, WDON, TGSP, and DTON flags which are bit
registers accessible by RAM bit manipulation instructions.
The WDON flag can only be set, only by the SEM/SEMD instruction.
The TGSP flag can be set and reset by the SEM/SEMD and REM/REMD instructions.
The DTON flag can be set, reset, and tested by the SEM/SEMD, REM/REMD, and TMD instructions.
Note that the DTON flag is active only in subactive mode, and is normally reset in active mode.
Special Function Registers Area ($004–$01F, $024–$03F): Used as mode or data registers for serial
interface, timer/counters, LCD, and DTMF, and as data control registers for I/O ports. These registers are
classified into three types: write-only, read-only, and read/write as shown in figure 2.
The SEM/REM and SEMD/REMD instructions can be used for the LCD control register (LCR), but RAM
bit manipulation instructions cannot be used for other registers.
LCD Data Area ($050–$06F): Used for storing LCD data which is automatically output to LCD segments
as display data. Data 1 lights the corresponding LCD segment; data 0 extinguishes it. This area can be
used as data area.
Data Area ($040–$2CF, $100–$2CF; Bank 0, 1): The memory registers (MR), which consist of 16 digits
($040–$04F), can be accessed by the LAMR and XMRA instructions (see figure 5). In the 464 digits from
$100–$2CF, a bank can be selected by the V register (see section on V register).
Stack Area ($3C0–$3FF): Used for saving the contents of the program counter (PC), status flag (ST),
and carry flag (CA) at subroutine call (CAL or CALL instruction) and interrupt processing. This area can
be used as a 16-level nesting subroutine stack in which one level requires four digits. The data to be saved
and the save conditions are shown in figure 5.
The program counter is restored by either the RTN or RTNI instruction, but the status and carry flags can
only be restored by the RTNI instruction. Any unused space in this area is used for data storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91