Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD404618TF Fiches technique(PDF) 66 Page - Renesas Technology Corp

No de pièce HD404618TF
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618TF Fiches technique(HTML) 66 Page - Renesas Technology Corp

Back Button HD404618TF Datasheet HTML 62Page - Renesas Technology Corp HD404618TF Datasheet HTML 63Page - Renesas Technology Corp HD404618TF Datasheet HTML 64Page - Renesas Technology Corp HD404618TF Datasheet HTML 65Page - Renesas Technology Corp HD404618TF Datasheet HTML 66Page - Renesas Technology Corp HD404618TF Datasheet HTML 67Page - Renesas Technology Corp HD404618TF Datasheet HTML 68Page - Renesas Technology Corp HD404618TF Datasheet HTML 69Page - Renesas Technology Corp HD404618TF Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 91 page
background image
HD404618 Series
64
Table 31 Tone Generator Control Register
TGC
Bit 1
DTMF Enable Bit
0
DTMF disabled
1
DTMF enabled
TGC
Bit 2
TONER Output Control (row)
0
Stopped
1
TONER output (active)
TGC
Bit 3
TONEC Output Control (column)
0
Stopped
1
TONEC output (active)
Tone Generator Speed Flag (TGSP: $020,Bit 2): One-bit register which can be set and reset by the
SEM/REM and SEMD/REMD instructions. The DTMF generation circuit generates output frequencies
with a 400-kHz clock (table 30). With an 800-kHz clock, the DTMF generation circuit generates these
same frequencies by pulling the TGSP flag high.
DTMF Output: The sine waves of the row-group and column-group are individually converted from
digital to analog in the D/A conversion circuit, which provides high-precision ladder resistance. The
DTMF output pins, TONER and TONEC, transmit the sine waves of the row-group and column-group,
respectively. Figure 41 shows thetone output equivalent circuit. Figure 42 shows the output waveform.
One cycle of this wave consists of 32 time slots, making the output waveform stable with little distortion.
Table 32 lists the frequency deviation of the MCU from standard DTMF signals.
VTref
GND
Switch control
TONER
TONEC
Figure 41 Tone Output Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91