Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD404618TF Fiches technique(PDF) 87 Page - Renesas Technology Corp

No de pièce HD404618TF
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618TF Fiches technique(HTML) 87 Page - Renesas Technology Corp

Back Button HD404618TF Datasheet HTML 83Page - Renesas Technology Corp HD404618TF Datasheet HTML 84Page - Renesas Technology Corp HD404618TF Datasheet HTML 85Page - Renesas Technology Corp HD404618TF Datasheet HTML 86Page - Renesas Technology Corp HD404618TF Datasheet HTML 87Page - Renesas Technology Corp HD404618TF Datasheet HTML 88Page - Renesas Technology Corp HD404618TF Datasheet HTML 89Page - Renesas Technology Corp HD404618TF Datasheet HTML 90Page - Renesas Technology Corp HD404618TF Datasheet HTML 91Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
HD404618 Series
85
TONEC
TONER
R = 100 k
L
Ω
Figure 49 Distortion and dB
CR Load Circuit
tCPr
tCPf
V
– 0.3 V
CC
0.3 V
OSC
1
tCPH
tCPL
1/fCP
Figure 50 Oscillator Timing
0.9V
CC
0.1V
CC
INT , INT
01
tIH
tIL
Figure 51 Interrupt Timing
RESET
t RSTf
t RSTH
0.9V
0.1V
CC
CC
Figure 52 Reset Timing
0.9VCC
0.1VCC
t DSO
t SCKf
t SCKL
t SSI
t HSI
t Scyc
t SCKr
tSCKH
0.4 V
V
– 0.5 V
CC
V
– 1.0 V (0.9V
)
CC
0.4 V (0.1V
)
SCK
SO
SI
t SCKHD
After 8 transmit clock
pulses are input
V
– 1.0 V and 0.4 V are the threshold voltages for transmit clock output.
0.9V
and 0.1V
are threshold voltages for transmit clock input.
CC
CC
CC
CC
CC
*
*
*
Note:
Figure 53 Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91