| Moteur de recherche de fiches techniques de composants électroniques |
|
HD404618TF Fiches technique(PDF) 78 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404618TF Fiches technique(HTML) 78 Page - Renesas Technology Corp |
|
78 / 91 page ![]() HD404618 Series 76 Electrical Characteristics (Please inquire about the characteristics of HD404612, HD404614, HD404616, and HD404618 at V CC = 2.2 V) DC Characteristics (HD404612, HD404614, HD404616, HD404618: V CC = 2.7 V to 6.0 V; HD4074618: V CC = 3.0 V to 5.5 V, GND = 0.0 V, Ta = –20 to +75°C, unless otherwise specified) Item Symbol Pin(s) Min Typ Max Unit Test Condition Notes Input high voltage V IH RESET, SCK, INT 0, INT1 0.9V CC V CC + 0.3 V OSC 1 V CC – 0.3 V CC + 0.3 V External clock operation SI 0.9V CC V CC + 0.3 V Input low voltage V IL RESET, SCK, INT 0, INT1 –0.3 0.1V CC V OSC 1 –0.3 0.3 V External clock operation SI –0.3 0.1V CC V Output high voltage V OH SCK, TIMO, SO V CC – 1.0 V –I OH = 0.5 mA Output low voltage V OL SCK, TIMO, SO 0.4 V I OL = 0.4 mA I/O leakage current |I IL| RESET, SCK, INT 0, INT1, SI, SO, TIMO, OSC 1 1 µAV in = 0 to VCC 1 Stop mode retaining voltage V STOP V CC 2 V No 32-kHz oscillator 7 Current dissipation in I CC1 V CC 400 1000 µAV CC = 3 V f OSC = 400 kHz 2 active mode I CC2 V CC 500 1500 µAV CC = 3 V DTMF: active f OSC = 400 kHz 3 I CC3 V CC 1 2 mA V CC = 3 V f OSC = 400 kHz D 12, D13 analog input mode 4 Current dissipation in standby mode I SBY V CC 200 500 µAV CC = 3 V LCD on f OSC = 400 kHz 5 Current dissipation in stop mode I STOP V CC 110 µAV CC = 3 V No 32-kHz oscillator |