| Moteur de recherche de fiches techniques de composants électroniques |
|
HD404618TF Fiches technique(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404618TF Fiches technique(HTML) 53 Page - Renesas Technology Corp |
|
53 / 91 page ![]() HD404618 Series 51 Serial Interface The MCU has a clock-synchronous serial interface which transmits and receives 8-bit data. The serial interface consists of a serial data register (SR), serial mode register (SMR), port mode register A (PMRA), octal counter, and multiplexers (see figure 30). The R0 0/SCK pin and the transmit clock are controlled by writing to the SMR. The transmit clock shifts the contents of the SR, which can be read and written to by software. The serial interface is activated by the STS instruction. The octal counter is reset to 000 by this instruction, starts counting at the falling edge of the transmit clock ( SCK), and it increments at the rising edge of the clock. A serial interrupt request flag is set when the eighth transmit clock signal is input (the serial interface is reset) or when serial transmission is discontinued (the octal counter is reset). Port mode register A (PMRA) SCK Selector System clock fcyc/fsub (tcyc/tsubcyc) Prescaler S (PSS) I/O control logic 3 Serial mode register (SMR) Clock Serial data register (SR) Serial interrupt request flag (IFS) 1/2 SI SO Octal counter (OC) I/O control logic Transfer control signal Figure 30 Serial Interface Block Diagram Serial Mode Register (SMR: $005): Four-bit write-only register that controls the R0 0/SCK pin, prescaler division ratio, and transmit clock source (table 25 and figure 31). Writing to this register initializes the serial interface. |