Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD404618TF Fiches technique(PDF) 29 Page - Renesas Technology Corp

No de pièce HD404618TF
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618TF Fiches technique(HTML) 29 Page - Renesas Technology Corp

Back Button HD404618TF Datasheet HTML 25Page - Renesas Technology Corp HD404618TF Datasheet HTML 26Page - Renesas Technology Corp HD404618TF Datasheet HTML 27Page - Renesas Technology Corp HD404618TF Datasheet HTML 28Page - Renesas Technology Corp HD404618TF Datasheet HTML 29Page - Renesas Technology Corp HD404618TF Datasheet HTML 30Page - Renesas Technology Corp HD404618TF Datasheet HTML 31Page - Renesas Technology Corp HD404618TF Datasheet HTML 32Page - Renesas Technology Corp HD404618TF Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
HD404618 Series
27
Active Mode: The MCU operates according to the clock generated by the system oscillators OSC
1 and
OSC
2.
Standby Mode: The MCU enters standby mode when the SBY instruction is executed from active mode.
In this mode, the oscillators, interrupts, timer/counters, and serial interface continue to operate, but all
instruction execution-related clocks stop. The stopping of these clocks stops the CPU, retaining all RAM
and register contents and maintaining the current I/O pin status.
Standby mode is terminated by a RESET input or an interrupt request. If it is terminated by RESET input,
the MCU is reset as well. After an interrupt request, the MCU enters active mode and resumes, executing
the next instruction after the SBY instruction. If the interrupt enable flag is 1, that interrupt is then
processed; if it is 0, the interrupt request is left pending and normal instruction execution continues. A
flowchart of operation in standby mode is shown in figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91