Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD404618TF Fiches technique(PDF) 58 Page - Renesas Technology Corp

No de pièce HD404618TF
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618TF Fiches technique(HTML) 58 Page - Renesas Technology Corp

Back Button HD404618TF Datasheet HTML 54Page - Renesas Technology Corp HD404618TF Datasheet HTML 55Page - Renesas Technology Corp HD404618TF Datasheet HTML 56Page - Renesas Technology Corp HD404618TF Datasheet HTML 57Page - Renesas Technology Corp HD404618TF Datasheet HTML 58Page - Renesas Technology Corp HD404618TF Datasheet HTML 59Page - Renesas Technology Corp HD404618TF Datasheet HTML 60Page - Renesas Technology Corp HD404618TF Datasheet HTML 61Page - Renesas Technology Corp HD404618TF Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
HD404618 Series
56
Liquid Crystal Display (LCD)
The MCU has an LCD controller and driver which drive 4 common signal pins and 32 segment signal pins.
The controller consists of a RAM area in which display data is stored, a display control register (LCR), and
a duty/clock control register (LMR), as shown in figure 37.
Four duties and the LCD clock are program-controllable, and a built-in dual-port RAM ensures that display
data can be automatically transmitted to the segment signal pins without program intervention. If a 32-kHz
oscillation clock is selected as the LCD clock source, the LCD can be used even in watch mode, in which
the system clock stops.
VCC
Power switch
V1
V2
V3
GND
LCD
power
control
circuit
LCD
common
driver
Display on/off
Display
area
LCD duty/clock
control
register
(LMR: $014)
(Dual-port
RAM)
LCD
control
register
(LCR: $013)
LCD
segment
driver
LCD
clock
$050
$06F
RAM area
Duty cycle selection
Clock selection
22
3
1
LCD
clock
SEG32
SEG2
SEG1
COM4
COM3
COM2
COM1
Divided system clock
output (CL1–CL3)
Divided 32-kHz clock
output (CL0)
LCD: Liquid crystal display
12
Figure 35 Liquid Crystal Display Block Diagram
LCD Data Area and Segment Data ($050– $06F): Figure 36 shows the configuration of LCD RAM
area. Each bit of the storage area corresponds to one of four types of duties. If data is written to an area
corresponding to a certain duty cycle, it is automatically output to the corresponding segments as display
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91