Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD404618TF Fiches technique(PDF) 65 Page - Renesas Technology Corp

No de pièce HD404618TF
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618TF Fiches technique(HTML) 65 Page - Renesas Technology Corp

Back Button HD404618TF Datasheet HTML 61Page - Renesas Technology Corp HD404618TF Datasheet HTML 62Page - Renesas Technology Corp HD404618TF Datasheet HTML 63Page - Renesas Technology Corp HD404618TF Datasheet HTML 64Page - Renesas Technology Corp HD404618TF Datasheet HTML 65Page - Renesas Technology Corp HD404618TF Datasheet HTML 66Page - Renesas Technology Corp HD404618TF Datasheet HTML 67Page - Renesas Technology Corp HD404618TF Datasheet HTML 68Page - Renesas Technology Corp HD404618TF Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
HD404618 Series
63
400 kHz (selected at TGSP reset)
800 kHz
TGSP
flag
TONER
VTref
TONEC
Sine wave
counter D/A
Transformed
programmable
divider
Transformed
programmable
divider
Sine wave
counter D/A
DTMF
register
Feedback
Feedback
Figure 40 DTMF Circuit Block Diagram
Tone Generator Mode Register (TGM: $010):
Four-bit write-only register which controls output
frequencies (see table 30). It is cleared to $0 by MCU reset.
Table 30 Tone Generator Mode Register
TGM
Bit 3
Bit 2
Bit 1
Bit 0
Output Frequencies
Option
(TONER output
is not affected)
00
f
R1 (697 Hz)
Output through
TONER pin
01
f
R2 (770 Hz)
10
f
R3 (852 Hz)
11
f
R4 (941 Hz)
0
0
Option
(TONEC output is not affected)
f
C1 (1,209 Hz)
Output through
TONEC pin
01
f
C2 (1,336 Hz)
10
f
C3 (1,477 Hz)
11
f
C4 (1,633 Hz)
Tone Generator Control Register (TGC: $011): Three-bit write-only register which controls the start
and stop of DTMF signal output (see table 31). It is cleared to $0 by MCU reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91