Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 195 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 195 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 191Page - STMicroelectronics ST20CX Datasheet HTML 192Page - STMicroelectronics ST20CX Datasheet HTML 193Page - STMicroelectronics ST20CX Datasheet HTML 194Page - STMicroelectronics ST20CX Datasheet HTML 195Page - STMicroelectronics ST20CX Datasheet HTML 196Page - STMicroelectronics ST20CX Datasheet HTML 197Page - STMicroelectronics ST20CX Datasheet HTML 198Page - STMicroelectronics ST20CX Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 212 page
background image
tret
195/212
®
tret
trap return
Code: 60 FB
Description: Return from a trap handler.
Definition:
GlobalInterruptEnables
′← word[traphandler @ 0]
16..23
TrapEnables[Priority]
← word[traphandler @ 0]
0..13
Status
′← word[traphandler @ 1]
Wptr
′← word[traphandler @ 2]
Iptr
′← word[traphandler @ 3]
where traphandler
is the address of the traphandler for the trap group
of the current handler and the current priority.
Error signals: none
Comments:
Secondary instruction.
See also:
ldtraph sttraph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More