Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 186 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 186 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 182Page - STMicroelectronics ST20CX Datasheet HTML 183Page - STMicroelectronics ST20CX Datasheet HTML 184Page - STMicroelectronics ST20CX Datasheet HTML 185Page - STMicroelectronics ST20CX Datasheet HTML 186Page - STMicroelectronics ST20CX Datasheet HTML 187Page - STMicroelectronics ST20CX Datasheet HTML 188Page - STMicroelectronics ST20CX Datasheet HTML 189Page - STMicroelectronics ST20CX Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 212 page
background image
taltwt
®
186/212
taltwt
timer alt wait
Code: 25 FI
Description: Wait until one of the enabled guards of a timer alternative is ready and
initialize pw.Temp for use during the disabling sequence. If the alternative has no
ready guard but may become ready due to a timer, place the process onto the timer
list.
Definition:
if (word[Wptr @ pw.State]
= Ready.p)
word
′[Wptr @ pw.Time]
← ClockReg[Priority]
else if (word[Wptr @ pw.Tlink]
= TimeNotSet.p)
{
word
′[Wptr @ pw.State]
← Waiting.p
deschedule process and wait for one of the guards to become ready
}
else if (word[Wptr @ pw.Tlink]
= TimeSet.p)
{
if (ClockReg[Priority] after word[Wptr @ pw.Time]
{
word
′[Wptr @ pw.State]
← Ready.p
word
′[Wptr @ pw.Time]
← ClockReg[Priority]
}
else
{
word
′[Wptr @ pw.Time]
← (word[Wptr @ pw.Time] + 1)
insert this process into timer list with alarm time (word[Wptr @ pw.Time]
+ 1)
if (
no guards ready)
{
word
′[Wptr @ pw.State] ← Waiting.p
deschedule process and wait for one of the guards to become ready
}
}
}
else
Undefined effect
word
′[Wptr @ pw.Temp]
← NoneSelected.o
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More