| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20CX Fiches technique(PDF) 165 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20CX Fiches technique(HTML) 165 Page - STMicroelectronics |
|
165 / 212 page ![]() ssub 165/212 ® ssub sixteen subscript Code: 2C F1 Description: Generate the address of the element which is indexed by Breg,in an array of 16-bit objects pointed to by Areg . Definition: Areg ′← Areg + (2 × Breg) Breg ′← Creg Creg ′← undefined Error signals: none Comments: Secondary instruction. See also: bcnt bsub wcnt wsub wsubdb |