| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20CX Fiches technique(PDF) 159 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20CX Fiches technique(HTML) 159 Page - STMicroelectronics |
|
159 / 212 page ![]() settimeslice 159/212 ® settimeslice set timeslicing status Code: 2B F0 Description: Enable or disable timeslicing of the current process, depending on the value of Areg, and set Areg to indicate whether timeslicing was enabled or disabled prior to execution of the instruction. If Areg is initially false timeslicing is disabled until either the process deschedules or timeslicing is enabled. If Areg is initially true timeslicing is enabled. This instruction is only meaningful when run at low priority. Definition: if (Areg = false) Disable timeslicing else if (Areg = true) Enable timeslicing else Undefined effect if ( timeslicing was previously enabled) Areg ′← true else Areg ′← false Error signals: none Comments: Secondary instruction. See also: intdis intenb |