Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 152 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 152 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 148Page - STMicroelectronics ST20CX Datasheet HTML 149Page - STMicroelectronics ST20CX Datasheet HTML 150Page - STMicroelectronics ST20CX Datasheet HTML 151Page - STMicroelectronics ST20CX Datasheet HTML 152Page - STMicroelectronics ST20CX Datasheet HTML 153Page - STMicroelectronics ST20CX Datasheet HTML 154Page - STMicroelectronics ST20CX Datasheet HTML 155Page - STMicroelectronics ST20CX Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 212 page
background image
satmul
®
152/212
satmul
saturating multiply
Code: 26 FA
Description: Perform multiplication using ‘saturating arithmetic’ i.e. signed arithmetic
where overflowing results do not wrap round but return MostPos or MostNeg
according to the sign of the result. This instruction is used for clipping algorithms in
signal processing.
Definition:
if (prod
> MostPos)
Areg
′← MostPos
else if (prod
< MostNeg)
Areg
′← MostNeg
else
Areg
′← prod
Breg
′← Creg
Creg
′← undefined
where prod
= Breg × Areg
– prod
is calculated to unlimited precision
Error signals: none
Comments:
Secondar y instruction.
See also:
satadd satsub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More