Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 145 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 145 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 141Page - STMicroelectronics ST20CX Datasheet HTML 142Page - STMicroelectronics ST20CX Datasheet HTML 143Page - STMicroelectronics ST20CX Datasheet HTML 144Page - STMicroelectronics ST20CX Datasheet HTML 145Page - STMicroelectronics ST20CX Datasheet HTML 146Page - STMicroelectronics ST20CX Datasheet HTML 147Page - STMicroelectronics ST20CX Datasheet HTML 148Page - STMicroelectronics ST20CX Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 212 page
background image
resetch
145/212
®
resetch
reset channel
Code: 21 F2
Description: Reset the channel pointed to by Areg. Returns the channel to the
empty state. If the channel address points to a hard channel, then the link hardware is
reset. Areg returns the process descriptor of the process waiting on the channel.
Definition:
if (Areg
points to external channel)
reset link hardware
word
′[Areg]
← NotProcess.p
Areg
′← word[Areg]
Error signals: none
Comments:
Secondary instruction.
This instruction is abortable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More