Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 139 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 139 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 135Page - STMicroelectronics ST20CX Datasheet HTML 136Page - STMicroelectronics ST20CX Datasheet HTML 137Page - STMicroelectronics ST20CX Datasheet HTML 138Page - STMicroelectronics ST20CX Datasheet HTML 139Page - STMicroelectronics ST20CX Datasheet HTML 140Page - STMicroelectronics ST20CX Datasheet HTML 141Page - STMicroelectronics ST20CX Datasheet HTML 142Page - STMicroelectronics ST20CX Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 212 page
background image
outword
139/212
®
outword
output word
Code: FF
Description: Output the word in Areg to the channel pointed to by Breg (the
corresponding input is performed by an
in instruction, and must specify a four byte
message). The process executing
outword will be descheduled if the channel is
external or is not ready; it is rescheduled when the communication is complete. This
instruction is also used to synchronize with an alternative.
Definition:
Synchronize, and output Areg to channel Breg
word
′[Wptr @ pw.Temp]
← undefined
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: Can cause
InternalChannel or ExternalChannel trap to be signalled (if
enabled) when the process is rescheduled on synchronization.
Comments:
Secondary instruction.
Instruction is a descheduling point.
Instruction is interruptible.
Uses the pw.Temp slot in the process workspace.
See also:
altwt enbc in out outbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More