Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 122 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 122 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 118Page - STMicroelectronics ST20CX Datasheet HTML 119Page - STMicroelectronics ST20CX Datasheet HTML 120Page - STMicroelectronics ST20CX Datasheet HTML 121Page - STMicroelectronics ST20CX Datasheet HTML 122Page - STMicroelectronics ST20CX Datasheet HTML 123Page - STMicroelectronics ST20CX Datasheet HTML 124Page - STMicroelectronics ST20CX Datasheet HTML 125Page - STMicroelectronics ST20CX Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 212 page
background image
lshr
®
122/212
lshr
long shift right
Code: 23 F5
Description: Logical shift right the double word value in Creg and Breg (most
significant word in Creg) by the number of places specified in Areg. This instruction is
only defined if the shift length is less than twice the word length.
Definition:
if (0
≤ Areg < 2 × BitsPerWord)
{
Areg
′← (long >> Areg
unsigned) rem 2
BitsPerWord
Breg
′← ((long >> Areg
unsigned) / 2
BitsPerWord) rem 2BitsPerWord
} else {
Areg
′← undefined
Breg
′← undefined
}
Creg
′← undefined
where long
= (Creg
unsigned × 2
BitsPerWord)
+ Breg
unsigned
–
the value of long is calculated to double word precision
Error signals: none
Comments:
Secondar y instruction.
The behavior for shift lengths outside the stated range is implementation
dependent.
See also:
lshl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More