| Moteur de recherche de fiches techniques de composants électroniques |
|
CMV2000 Fiches technique(PDF) 86 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Fiches technique(HTML) 86 Page - ams-OSRAM AG |
|
86 / 87 page ![]() CMV2000 Revision information Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 86 / 87 / 12 Revision information Document status Product status Definition Product Preview Pre-development Information in this datasheet is based on product ideas in the planning phase of development. All specifications are design goals without any warranty and are subject to change without notice Preliminary Datasheet Pre-production Information in this datasheet is based on products in the design, validation or qualification phase of development. The performance and parameters shown in this document are preliminary without any warranty and are subject to change without notice Datasheet Production Information in this datasheet is based on products in ramp-up to full production or full production which conform to specifications in accordance with the terms of ams-OSRAM AG standard warranty as given in the General Terms of Trade Other definitions Draft / Preliminary: The draft / preliminary status of a document indicates that the content is still under internal review and subject to change without notice. ams-OSRAM AG does not give any warranties as to the accuracy or completeness of information included in a draft / preliminary version of a document and shall have no liability for the consequences of use of such information. Short datasheet: A short datasheet is intended for quick reference only, it is an extract from a full datasheet with the same product number(s) and title. For detailed and full information always see the relevant full datasheet. In case of any inconsistency or conflict with the short datasheet, the full datasheet shall prevail. Changes from previous released version to current revision v8-00 Page Updated information on the description of Figure 15 28 Removed unnecessary paragraph under Figure 15 28 ● Page and figure numbers for the previous version may differ from page and figure numbers in the current revision. ● Correction of typographical errors is not explicitly mentioned. |