| Moteur de recherche de fiches techniques de composants électroniques |
|
CMV2000 Fiches technique(PDF) 69 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Fiches technique(HTML) 69 Page - ams-OSRAM AG |
|
69 / 87 page ![]() CMV2000 Functional description Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 69 / 87 / Table 32: Dummy rows Register name Register address Default value Description of the value Inte_sync 41[2] 0 Must be set to 1 if Dummy is not 0 Dummy 118[7:0] 0 Sets the number of dummy rows Information: Note that the register ‘dummy’ sets the number of dummy rows (one row corresponds to one LVAL pulse). In multiplex modes, there are several timing slots within a single row read-out. In case dual exposure is used, the dummy rows are generated for both transfer pulse toggles. |