Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMV2000 Fiches technique(PDF) 73 Page - ams-OSRAM AG

No de pièce CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Fiches technique(HTML) 73 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 69Page - ams-OSRAM AG CMV2000 Datasheet HTML 70Page - ams-OSRAM AG CMV2000 Datasheet HTML 71Page - ams-OSRAM AG CMV2000 Datasheet HTML 72Page - ams-OSRAM AG CMV2000 Datasheet HTML 73Page - ams-OSRAM AG CMV2000 Datasheet HTML 74Page - ams-OSRAM AG CMV2000 Datasheet HTML 75Page - ams-OSRAM AG CMV2000 Datasheet HTML 76Page - ams-OSRAM AG CMV2000 Datasheet HTML 77Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 87 page
background image
CMV2000
Register description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
73 / 87
/
Address
Default
Value
Remark
bit[7]
bit[6]
bit[5]
bit[4]
bit[3]
bit[2]
bit[1]
bit[0]
90
96
Vlow3[6:0]
91
96
Vres_low[6:0]
Set to 64
92
96
Do not change
93
96
Do not change
94
96
V_prech[6:0]
Set to 101
95
96
V_ref[6:0]
Set to 106
96
96
Do not change
97
96
Do not change
98
96
Vramp1[6:0]
See 8.2.1
99
96
Vramp2[6:0]
See 8.2.1
100
195
Offset[7:0]
See 8.2.1
101
63
Offset[13:8]
See 8.2.1
102
0
PGA_gain[1:0]
V3: Set to 1
103
32
ADC_gain[7:0]
See 8.2.1
104
8
Do not change
105
8
Do not change
106
8
Do not change
107
8
Do not change
108
0
T_dig1[3:0]
109
1
T_dig2[3:0]
110
0
Do not change
111
1
Bit_
mode
112
0
ADC_resolution
[1:0]
113
1
V2: Do not
change
V3: Set to 0
114
0
Do not change
115
0
Config
2
Only V2: Set to
1
115
0
Only V3: Set to
1
116
V2: 32
V3: 217
V2: Do not
change
V3: See
chapter 7.5.3
117
8
Config
1
Only V2: Set to
1
117
8
Only V3: See
chapter 7.5.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87