| Moteur de recherche de fiches techniques de composants électroniques |
|
CMV2000 Fiches technique(PDF) 36 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Fiches technique(HTML) 36 Page - ams-OSRAM AG |
|
36 / 87 page ![]() CMV2000 Functional description Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 36 / 87 / When the exposure time is shorter than the read-out time, the FOT and read-out of the next frame will start immediately after the read-out of the previous frame. Keep in mind that the next FRAME_REQ pulse has to occur after the FOT of the current frame. For an exact calculation of the exposure time, see chapter 7.4.1. When a new FRAME_REQ is applied, the exposure of the next frame will be delayed so that the FOT begins right after the read-out time of the current frame. Figure 26: Request for 2 frames in internal exposure mode with exposure time < read-out time Figure 27: Two requests for 1 frame in internal exposure mode(1) (1) Only applicable for Version 3. Timing calculation for version2: If the exposure time is shorter than the read-out time, keep in mind that when you apply a next FRAME_REQ pulse during the read-out of the current frame, the exposure of that new frame will start immediately. Therefore, you have to keep enough time between the two FRAME_REQ pulses so the read-out times do not overlap. If the FOT of the next frame starts during the read-out of the current frame, that read-out will be aborted immediately, as shown in Figure 28. If the exposure time is longer than the read-out time, the read-out times of two consecutive frames cannot overlap and will not cause a problem. The minimum time between two FRAME_REQ pulses is given by Equation 3: Equation 3: ������������������. ������������������������ = ������������������������������������������������ ������������������������ + ������������������ + (������������������������������������������ ������������������������ − ������������������������������������������������ ������������������������) = ������������������ + ������������������������������������������ ������������������������ FRAME_REQ Frame1_cycle FOT Read-out time Exposure time Frame2_cycle FOT Read-out time Exposure time FRAME_REQ Frame1_cycle FOT Read-out time Exposure time Frame2_cycle FOT Read-out time Exposure time |