| Moteur de recherche de fiches techniques de composants électroniques |
|
CMV2000 Fiches technique(PDF) 66 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Fiches technique(HTML) 66 Page - ams-OSRAM AG |
|
66 / 87 page ![]() CMV2000 Functional description Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 66 / 87 / 7.6.1.2 Gain An analog gain and ADC gain can be applied to the output signal. The analog gain is applied by a PGA in every column. The digital gain is applied by the ADC. Information: Depending on the sensor version, there is a slight difference in the register settings. Therefore, depending on the sensor version the user should follow Table 29 for version 2 and Table 30 for version 3. Table 29: Gain settings for version 2 Register name Register address Default value Description of the value PGA_gain 102[1:0] 0 102[1:0] 0: x1 gain 1: x1.2 gain 2: x1.4 gain 3: x1.6 gain ADC_gain 103[7:0] 32 Defines the slope of the ADC ramp, a higher value equals more gain. Table 30: Gain settings for version 3 Register name Register address Default value Description of the value PGA_gain 102[1:0] 121[0] 0 102[1:0] 0: x1 gain 1: x1.2 gain 2: x1.4 gain 3: x1.6 gain 121[0] 0: Gain is defined in 102[1:0] 1: Gain in 102[1:0] is amplified by 2 ADC_gain 103[7:0] 32 Defines the slope of the ADC ramp, a higher value equals more gain. The ADC gain is dependent on the master clock. A slower clock signal means a higher ADC_gain register value for an actual ADC gain of 1x. Also at higher register values, the actual ADC gain will increase in bigger steps. So, fine-tuning the ADC gain is easier at lower register values. |