| Moteur de recherche de fiches techniques de composants électroniques |
|
CMV2000 Fiches technique(PDF) 85 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Fiches technique(HTML) 85 Page - ams-OSRAM AG |
|
85 / 87 page ![]() CMV2000 Soldering & storage information Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 85 / 87 / Figure 64: Reflow soldering graph 11.4 Additional recommendation Image sensors with filter arrays (CFA) and micro-lens are especially sensitive to high temperatures. Prolonged heating at elevated temperatures may result in deterioration of the performance of the sensor. The best solution will be flow soldering or manual soldering of a socket (through hole) and plug in the sensor at latest stage of the assembly/test process. Time (s) 25 150 200 220 245 Maximum 6 min 60 to 180 seconds 60 to 80 seconds 10 to 20 sec |