| Moteur de recherche de fiches techniques de composants électroniques |
|
CMV2000 Fiches technique(PDF) 49 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Fiches technique(HTML) 49 Page - ams-OSRAM AG |
|
49 / 87 page ![]() CMV2000 Functional description Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 49 / 87 / 7.4 Configuring exposure and readout This section explains how the CMV2000 can be programmed using the on-board sequencer registers. 7.4.1 Exposure modes The exposure time can be programmed in two ways, externally or internally. Externally, the exposure time is defined as the time between the rising edge of T_EXP1 and the rising edge of FRAME_REQ (see External exposure time for more details). Internally, the exposure time is set by uploading the desired value to the corresponding sequencer register. Table 11: Time settings of exposure mode Register name Register address Default value Description of the value Exp_ext 41[0] 0 0: Value in Exp_time register defines exposure time 1: Time between T_EXP1 and FRAME_REQ pulses defines exposure time Exp_time 42[7:0] 43[7:0] 44[7:0] 2048 If Exp_ext = 0: Defines the exposure time according to the following formula: 129 ∗ ������������������_������������������(0.43 ∗ ������������������_������������������������������ℎ + ������������������_������������������������) Where clk_per is the period of the master input clock and fot_length is the value in register 73. If Exp_ext = 1: The exposure time is: 129 ∗ ������������������_������������������(0.43 ∗ ������������������_������������������������������ℎ) + ������������������������������������������������ ������������������������������������������������ ������������������������ Where external exposure time is the time between T_EXP1 and FRAME_REQ. |